Part Number Hot Search : 
1003F 7C1462A MMC4040 QESM012 1004KL FT232BL 2SD0860 100R2
Product Description
Full Text Search
 

To Download AWT6201 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  01/2004 AWT6201 gsm850/gsm900/dcs/pcs quad band powerplexer tm with integrated power contro l advanced product information - rev 0.7 features ? anadigics developed technologies (ingap hbt/phemt/ipp) ? proven high volume low cost laminate/ overmold technology ? integrated power control (cmos) ? integrated pa/sw/lpf ? high gain ingap hbt pas ? low loss receive paths ? high isolation switch (tx to rx, rx on/off) ? fully compliant gsm harmonic performance ? esd protected antenna port (12kv) ? small footprint (10.5mm x 11.0mm x 1.55mm) ? gprs capable (class 12) ? power control range >50db applications ? quad band handsets and pdas ? configurable for tri band/umts handsets product description the AWT6201 is the second generation gsm powerplexer tm . it has been developed to minimize time to market for gsm handset/pda designers. the module requires only the most basic rf decoupling, all the rf ports are 50 ?, and interfaces directly with the baseband power control dac. the solution includes integrated power control, two dual band power amplifiers to support gsm850/900/dcs/ pcs, harmonic filtering and rx/tx switching. the power amplifiers support class 12 gprs, 4 tx slots at 50% duty cycle, using three stage ingap hbt pas. the phemt switches support 4 rx ports to in- terface with external rx saw filters and the filtering is achieved using integrated passives technology. the integrated power control scheme reduces the number of external components associated with a power control function, and facilitates fast and easy production calibration. the power control range is typically 55db. figure 1: functional block diagram logic/power c ontroller vramp cntl_1 cntl_2 cntl_3 vreg dcs/pcs_in gsm_in gs m850/900 dcs /pcs gs m850_r x gs m900_r x ant dcs _r x pcs_rx vbatt
2 advanced product information - rev 0.7 01/2004 AWT6201 electrical characteristics table 1: absolute minimum and maximum ratings r e t e m a r a p n i m x a m t i n u ( e g a t l o v y l p p u sv c c )7 +v ( r e w o p t u p n if r n i )1 1 +m b d v ( e g a t l o v l o r t n o c r e w o p p m a r )8 . 1v ( e r u t a r e p m e t e g a r o t st g t s )5 5 -0 5 1c e r u t a r e p m e t w o l f e r m u m i x a m0 4 2c exceeding the absolute maximum ratings can cause permanent damage to the device. these are absolute stress ratings only. functional operation of the device is not implied at these or any other conditions in excess of those given in the operations sections of this data sheet. exposure to maximum ratings for extended periods can adversely affect device reliability. r e t e m a r a p d o h t e m g n i t a r t i n u ) t r o p a n n e t n a ( e g a t l o v d l o h s e r h t d s em b h2 1v k ) s t u p n i l o r t n o c ( e g a t l o v d l o h s e r h t d s em b h1v k ) s t u p n i f r ( e g a t l o v d l o h s e r h t d s em b h0 5 2v ) s t r o p x r ( e g a t l o v d l o h s e r h t d s em b h0 0 3v table 2: esd ratings although protection circuitry has been designed into this device, proper precautions should be taken to avoid exposure to electrostatic discharge (esd) during handling and mounting. human body model hbm employed is resistance = 1500      , capacitance = 100pf. table 3: logic level definitions test conditions: v cc = 3.0 to 4.8v, t c = 25 3c l a n g i s n i m p y t x a m t i n u h g i h c i g o l7 . 13v w o l c i g o l05 . 0v t n e r r u c s a i b t u p n i0 1a
3 AWT6201 advanced product information - rev 0.7 01/2004 table 5: receiver specification test conditions: mode = rx (see control table), v batt = 3.5v, z in = z out = 50 ?, t c = 25 3c table 4: operating conditions and supply currents parametric performance is guaranteed under specified operating conditions. r e t e m a r a p n i m p y t x a m t i n u s t n e m m o c ( e g a t l o v y l p p u sv t t a b )0 . 35 . 38 . 4v v ( e g a t l o v d e t a l u g e r g e r )7 . 25 8 . 20 . 3v i ( t n e r r u c d e t a l u g e r ) g e r 70 1a md e l b a n e e d o m x t i ( t n e r r u c d e t a l u g e r ) g e r 0 10 3a d e l b a n e e d o m x r t n e r r u c n w o d r e w o p ( v t t a b ) v 8 . 4 = 00 1a v ( t n e r r u c x r t t a b ) v 8 . 4 =00 3a v ( e g a t l o v l o r t n o c p m a r ) 2 . 06 . 1v p m u m i n i m r o f e g a t l o v l o t n o c t u o v ( n i m _ p m a r ) 2 . 05 2 . 0v v p m a r e c n a t i c a p a c t u p n i5 10 2f p y c n e i c i f f e e l u d o m 0 0 9 / 0 5 8 m s g v ( p m a r v , v 6 . 1 = t t a b p , v 5 . 3 = n i ) m b d 2 = 0 4% ) r e t l i f + h c t i w s + a p ( y c n e i c i f f e e l u d o m s c p / s c d v ( p m a r v , v 6 . 1 = t t a b p , v 5 . 3 = n i ) m b d 2 = 4 3% ) r e t l i f + h c t i w s + a p ( t ( e r u t a r e p m e t e s a c c )0 2 -5 8c e l c y c y t u d0 5% r e t e m a r a p n i m p y t x a m t i n u s t n e m m o c 0 0 9 / 0 5 8 m s g s s o l n o i t r e s n i 3 . 15 . 1b d f n i v , z h m 0 6 9 o t 9 6 8 = t t a b o t 0 . 3 = t , v 8 . 4 c c 5 8 + o t 0 2 - = s c p / s c d s s o l n o i t r e s n i 2 . 15 . 1b d f n i v , z h m 0 9 9 1 o t 5 0 8 1 = t t a b 0 . 3 = t , v 8 . 4 o t c c 5 8 + o t 0 2 - = s s o l n r u t e r r e v i e c e r 5 1b df n i z h m 0 6 9 o t 9 6 8 = 5 1b df n i z h m 0 9 9 1 o t 5 0 8 1 = n o i t a l o s i r e v i e c e r f f o _ x r o t t n a 5 2b df n i z h m 0 6 9 o t 9 6 8 = 5 2b df n i z h m 0 9 9 1 o t 5 0 8 1 = s t r o p x r t a r e w o p x t 68 m b df n i p , z h m 5 1 9 = t u o m b d 2 . 3 3 = 35 m b df n i p , z h m 0 1 9 1 = t u o m b d 4 . 0 3 =
4 advanced product information - rev 0.7 01/2004 AWT6201 r e t e m a r a p n i m p y t x a m s t i n u s t n e m m o c f ( y c n e u q e r f n i ) 4 2 8 0 8 8 9 4 8 5 1 9 z h m z h m p ( r e w o p t u p n i n i )024m b d p ( r e w o p t u p t u o t u o )2 . 3 38 . 3 3m b dv p m a r v 6 . 1 = r e w o p t u p t u o d e d a r g e d7 . 0 37 . 1 3m b d v t t a b v , v 0 . 3 = p m a r , v 6 . 1 = p n i t , m b d 0 = c c 5 8 = ) 1 ( n o i t a l o s i d r a w r o f 5 5 -1 5 -m b d p n i v , m b d 4 = t t a b v 8 . 4 o t 3 = r o n e _ x r _ 0 0 9 m s g = e d o m l o r t n o c e e s , n e _ x r _ 0 5 8 m s g e l b a t ) 2 ( n o i t a l o s i d r a w r o f 5 2 -0 1 -m b d v p m a r p , v 2 . 0 = n i , m b d 4 = v t t a b v 8 . 4 o t 3 = e e s , n e _ x t _ m s g = e d o m e l b a t l o r t n o c c i n o m r a h 2 d n f 3 o z h g 5 7 . 2 1 o t 8 3 - 7 3 - 4 3 - 3 3 - m b d m b d v t t a b , v 8 . 4 o t 3 = p t u o m b d 2 . 3 3 o t 5 = : y t i l i b a t s z h g 1 < z h g 1 > 6 3 - 0 3 - m b d m b d s e l g n a l l a 1 : 0 1 = r w s v v t t a b , v 8 . 4 o t 3 = p t u o , m b d 2 . 3 3 o t 5 = t c c 5 8 o t 0 2 - = s s e n d e g g u r 1 : 0 1 r w s v p n i , m b d 4 = v t t a b , v 8 . 4 = p t u o , m b d 2 . 3 3 o t 5 = d a o l f o s e s a h p l l a e s i o n d n a b x r 8 8 -4 8 -m b d f n i z h m 9 4 8 = f t u o z h m 4 9 8 o t 9 6 8 = , z h k 0 0 1 = w b v = w b r p t u o m b d 2 . 3 3 o t 5 = 1 8 -8 7 -m b d f n i z h m 5 1 9 = f t u o z h m 5 3 9 o t 5 2 9 = , z h k 0 0 1 = w b v = w b r p t u o m b d 2 . 3 3 o t 5 = 9 8 -6 8 -m b d f n i z h m 5 1 9 = f t u o z h m 0 6 9 o t 5 3 9 = , z h k 0 0 1 = w b v = w b r p t u o m b d 2 . 3 3 o t 5 = r w s v t u p n i1 : 5 . 2s l e v e l r e w o p l l a table 6: gsm850/900 electrical specification test conditions: mode = gsm_tx_en, v batt = 3.5v, z in = z out = 50 ? , t c = 25 3c, p in = 2dbm, p width = 1154 s, duty cycle = 25%
5 AWT6201 advanced product information - rev 0.7 01/2004 table 7: dcs/pcs electrical specification test conditions: mode = dcs_pcs_tx_en, v batt = 3.5v, z in = z out = 50 ? , t c = 25 3c, p in = 2dbm, p width = 1154 s, duty cycle = 25% r e t e m a r a p n i m p y t x a m s t i n u s t n e m m o c f ( y c n e u q e r f n i ) 0 1 7 1 0 5 8 1 5 8 7 1 0 1 9 1 z h m z h m ( r e w o p t u p n ip n i )024m b d ( s c p / s c d r e w o p t u p t u op t u o ) 5 . 0 35 . 1 3m b dv p m a r v 6 . 1 = r e w o p t u p t u o d e d a r g e d 7 . 7 27 . 8 2m b d v t t a b v , v 0 . 3 = p m a r , v 6 . 1 = p n i t , m b d 0 = c c 5 8 = n o i t a l o s i d r a w r o f 5 5 -1 5 -m b d p n i v , m b d 4 = t t a b v 8 . 4 o t 3 = r o n e _ x r _ s c d = e d o m l o r t n o c e e s , n e _ x r _ s c p e l b a t ) 2 ( n o i t a l o s i d r a w r o f5 2 -0 1 -m b d v p m a r = p , v 2 . 0 n i , m b d 4 = v t t a b v 8 . 4 o t 3 = , n e _ x t _ s c p _ s c d = e d o m e l b a t l o r t n o c e e s s c i n o m r a h z h g 5 7 . 2 1 o t o f 27 3 -3 3 -m b d v t t a b , v 8 . 4 o t 3 = p t u o m b d 4 . 0 3 o t 0 = : y t i l i b a t s z h g 1 < z h g 1 > 6 3 - 0 3 - m b d m b d s e l g n a l l a 1 : 0 1 = r w s v v t t a b , v 8 . 4 o t 3 = p t u o , m b d 4 . 0 3 o t 0 = c 5 8 o t 0 2 - = c t : s s e n d e g g u r1 : 0 1 r w s v p n i v , m b d 2 = t t a b , v 8 . 4 = p t u o , m b d 4 . 0 3 o t 0 = d a o l f o s e s a h p l l a e s i o n d n a b x r8 8 -4 8 -m b d f n i , z h m 0 1 9 1 r o 5 8 7 1 = f t u o r o , z h m 0 8 8 1 o t 5 0 8 1 = z h m 0 9 9 1 o t 0 3 9 1 p t u o , m b d 4 . 0 3 o t 0 = z h k 0 0 1 = w b v = w b r r w s v t u p n i1 : 5 . 2s l e v e l r e w o p l l a
6 advanced product information - rev 0.7 01/2004 AWT6201 table 8: logic control table table 9: control timing e d o m 1 l t n c 2 l t n c 3 l t n c n o i t p i r c s e d n w o d t u h s 000 s i e l u d o m e r e h w e t a t s t n e r r u c w o l . d e l b a s i d n e _ x r _ 0 0 9 m s g n e _ x r _ s c p 001 h t a p s s o l w o l a s e l b a n e e d o m s i h t x r _ 0 0 9 m s g o t a n n e t n a e h t m o r f x r _ s c p o t a n n e t n a m o r f d n a t r o p h c t i w s d n a d e l b a s i d e r a s ' a p . t r o p . e d o m x r n i s i n e _ x r _ 0 5 8 m s g n e _ x r _ s c d 010 s s o l w o l a s e l b a n e e d o m s i h t o t a n n e t n a e h t m o r f s h t a p m o r f d n a , t r o p x r _ 0 5 8 m s g e r a s ' a p . t r o p x r _ s c d o t a n n e t n a . e d o m x r n i s i h c t i w s d n a d e l b a s i d n e _ x t _ m s g101 d n a e d o m t i m s n a r t n i s i h c t i w s . d e l b a n e s i a p 0 0 9 / 0 5 8 m s g n e _ x t _ s c p _ s c d110 d n a e d o m t i m s n a r t n i s i h c t i w s . d e l b a n e s i a p s c p / s c d r e t e m a r a p n i m p y t x a m s t i n u s t n e m m o c e d o m x t o t x r m o r f y a l e d g n i h c t i w s2  s e d o m x r o t x t m o r f y a l e d g n i h c t i w s2  s p out e m i t e s i r2  s o t a n n e t n a t a r e w o p r o f e m i t o t m b d 0 1 - m o r f e s i r . r e w o p t u p t u o m u m i x a m p out e m i t l l a f2  s o t a n n e t n a t a r e w o p r o f e m i t t u p t u o m u m i x a m m o r f l l a f . m b d 0 1 - o t r e w o p
7 AWT6201 advanced product information - rev 0.7 01/2004 n i p e m a n n o i t c n u f n i p e m a n n o i t c n u f 1n i _ s c p / s c dt u p n i f r s c p / s c d1 2d n gd n u o r g 2d n gd n u o r g2 2x r _ 0 0 9 m s gt r o p e v i e c e r 0 0 9 m s g 31 l t n ct u p n i c i g o l l o r t n o c3 2d n gd n u o r g 42 l t n ct u p n i c i g o l l o r t n o c4 2d n gd n u o r g 53 l t n ct u p n i c i g o l l o r t n o c5 2d n gd n u o r g 6t t a b vn o i t c e n n o c y l p p u s y r e t t a b6 2d n gd n u o r g 7g e r vn o i t c e n n o c y l p p u s d e t a l u g e r7 2t n at r o p a n n e t n a 8p m a r vl o r t n o c r e w o p r o f t u p n i g o l a n a8 2d n gd n u o r g 9d n gd n u o r g9 2d n gd n u o r g 0 1d n gd n u o r g0 3x r _ s c pt r o p e v i e c e r s c p 1 1n i _ m s gt u p n i f r 0 0 9 / 0 5 8 m s g1 3d n gd n u o r g 2 1d n gd n u o r g2 3x r _ s c dt r o p e v i e c e r s c d 3 1d n gd n u o r g3 3d n gd n u o r g 4 1d n gd n u o r g4 3d n gd n u o r g 5 1d n gd n u o r g5 3d n gd n u o r g 6 1d n gd n u o r g6 3d n gd n u o r g 7 1d n gd n u o r g7 3d n gd n u o r g 8 1d n gd n u o r g8 3d n gd n u o r g 9 1d n gd n u o r g9 3d n gd n u o r g 0 2x r _ 0 5 8 m s gt r o p e v i e c e r 0 5 8 m s g0 4d n gd n u o r g figure 2: pinout (x-ray view) table 10: pinout description note: unassigned pins are ground pads 4 1 2 3 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40
8 advanced product information - rev 0.7 01/2004 AWT6201 package outline drawing
9 AWT6201 advanced product information - rev 0.7 01/2004 package outline drawing 7 11 1 1 9 1 10 4 4 3 3 1 1 2 2 1 1 8 1 1 2 2 6 5 2 2
10 advanced product information - rev 0.7 01/2004 AWT6201 notes
11 AWT6201 advanced product information - rev 0.7 01/2004 notes
warning anadigics products are not intended for use in life support appliances, devices or systems. use of an anadigics product in any such application without written consent is prohibited. important notice anadigics, inc. 141 mount bethel road warren, new jersey 07059, u.s.a. tel: +1 (908) 668-5000 fax: +1 (908) 668-5132 url: http://www.anadigics.com e-mail: mktg@anadigics.com anadigics, inc. reserves the right to make changes to its products or to discontinue any product at any time without notice. the product specifications contained in advanced product information sheets and preliminary data sheets are subject to change prior to a product?s formal introduction. information in data sheets have been carefully checked and are assumed to be reliable; however, anadigics assumes no responsibilities for inaccuracies. anadigics strongly urges customers to verify that the information they are using is current before placing orders. advanced product information - rev 0.7 01/2004 12 AWT6201 r e b m u n r e d r o e r u t a r e p m e t e g n a r e g a k c a p n o i t p i r c s e d g n i g a k c a p t n e n o p m o c 1 0 2 6 t w a ordering information


▲Up To Search▲   

 
Price & Availability of AWT6201

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X